Part Number Hot Search : 
FJB102 AP01N60H P6SMBJ40 TSPC106 S2731E MBR8100 11400 SRN5519
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N7002T 115ma, 60v, r ds(on) 5  n-channel plastic-encapsulate mosfets elektronische bauelemente 12-jun-2018 rev. d page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  high density cell design for low r ds(on)  voltage controlled small signal switch  rugged and reliable  high saturation current capability application  load switch for portable devices  dc/dc converter marking * solid dot=green molding compound device, if none, t he normal device. package information package mpq leader size sot-523 3k 7 inch order information maximum ratings (t a =25c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 60 v gate-source voltage v gs 20 v drain current i d 115 ma power dissipation p d 150 mw thermal resistance from junction-ambient r ja 833 c/w operating junction temperature range t j 150 c operating storage temperature range t stg -55~150 c part number type 2N7002T lead (pb)-free 2N7002T-c lead (pb)-free and halogen-free 1 gate 2 source 3 drain sot-523 top view a l m c b d g h j f k e 1 2 3 1 2 3 ref. millimeter ref. millimeter min. max. min. max. a 1.5 1.7 g - 0.1 b 1.45 1.75 h 0.55 ref. c 0.7 0.9 j 0.1 0.2 d 0.7 0.9 k - e 0.9 1.1 l 0.5 typ. f 0.15 0.35 m 0.25 0.35 ? ?? ? =solid dot
2N7002T 115ma, 60v, r ds(on) 5  n-channel plastic-encapsulate mosfets elektronische bauelemente 12-jun-2018 rev. d page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions drain-source breakdown voltage v (br)dss 60 - - v v gs =0, i d =250 a gate-threshold voltage v th(gs) 1 - 2.5 v v ds =v gs , i d =250 a gate-body leakage i gss - - 80 na v ds =0, v gs = 20v zero gate voltage drain current i dss - - 80 na v ds =60v, v gs =0 on-state drain current i d(on) 500 - - ma v gs =10v, v ds =7v drain-source on resistance r ds(on) - - 5  v gs =10v, i d =500ma - - 7 v gs =5v, i d =50ma forward trans conductance g fs 80 - - ms v ds =10v, i d =200ma drain-source on-voltage v ds(on) - - 3.75 v v gs =10v, i d =500ma - - 0.375 v gs =5v, i d =50ma diode forward voltage v sd 0.55 - 1.2 v i s =115ma, v gs =0 input capacitance c iss - 50 - pf v ds =25v v gs =0 f=1mhz output capacitance c oss - 25 - reverse transfer capacitance c rss - 5 - switching time turn-on time t d(on) - 20 - ns v dd =25v, r l =50  i d =500ma, v gen =10v r g =25  turn-off time t d(off) - 40 -
2N7002T 115ma, 60v, r ds(on) 5  n-channel plastic-encapsulate mosfets elektronische bauelemente 12-jun-2018 rev. d page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. typical characteristics


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X